PART |
Description |
Maker |
MAX1996A |
" High-Efficiency, Wide Brightness Range, CCFL Backlight Controller"
|
Maxim
|
KPB-3025ESGC-KM |
DUAL COLOR LED, HIGH EFFICIENCY RED/SUPER BRIGHT GREEN, 2.5 mm 3 X 2.50 MM, 1.10 MM HEIGHT, ROHS COMPLIANT, SMT, 4 PIN
|
Kingbright, Corp.
|
LT1676 1676I |
Wide Input Range, High Efficiency, Step-Down Switching Regulator From old datasheet system
|
Linear
|
MV7044 MV7042 MV7043 MV704X MV7042MP4A |
High Efficiency Red Rectangular Solid State Lamp SUPER BRIGHT T-1 (3MM) LED LAMP - Water Clear
|
FAIRCHILD[Fairchild Semiconductor]
|
HLMP-4719L HLMP-4700L HLMP4700L HLMP4719L |
2 mA High Efficiency Green Low Current T-100 & T-1 3/4 Solid State Lamp 2 mA Yellow Low Current T-100 & T-1 3/4 Solid State Lamp SUPER BRIGHT AllnGaP T-1 3/4 (5 mm) LOW CURRENT LED LAMP - Tinted & Diffused RED SUPER BRIGHT AllnGaP T-1 3/4 (5 mm) SUPER BRIGHT AllnGaP T-1 3/4 (5 mm)
|
FAIRCHILD[Fairchild Semiconductor]
|
KB4647O60 KB520O |
KB4647O60 (KLB-520 O-08-T) is a high bright AlInGaP orange LED and has the optimized optical characteristics. high bright InGaN blue LED
|
KODENSHI KOREA CORP.
|
KPBA-3010ESGC KPB-3025PBASYKC KPB-3025ESGC KPHBM-2 |
DUAL COLOR LED, HIGH EFFICIENCY RED/SUPER BRIGHT GREEN, 2 mm 3 X 1 MM, 2 MM HEIGHT, ROHS COMPLIANT, SMD, 3 PIN DUAL COLOR LED, SUPER BRIGHT YELLOW/BLUE, 2.5 mm 3 X 2.50 MM, 1.10 MM HEIGHT, ROHS COMPLIANT, SMT, 4 PIN DUAL COLOR LED, HIGH EFFICIENCY RED/SUPER BRIGHT GREEN, 2.5 mm 3 X 2.50 MM, 1.10 MM HEIGHT, ROHS COMPLIANT, SMT, 4 PIN DUAL COLOR LED, HYPER RED/BLUE, 1.3 mm 2 X 1.25 MM, 0.45 MM HEIGHT, ROHS COMPLIANT, SMD, 4 PIN
|
Kingbright, Corp. Micross Components
|
GBPC2501 GBPC35005 GBPC25005 GBPC25 GBPC2510 GBPC3 |
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Dual General-Purpose Operational Amplifier 8-TSSOP 0 to 70 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 大电5,25,35,安培。单相桥式整流器玻璃钝化 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 0.8 to 1.8-V 8-A, 12-V Input Non-Isolated Wide-Adjust SIP Module 8-SIP MODULE -40 to 85 大电5,25,35,安培。单相桥式整流器玻璃钝化 1.5 A, Wide Input, Non-Isolated, Wide Negative Output Adjust Module 5-DIP MODULE 10 A 12-V Input Bus Termination Power Module for DDR/QDR Memory 10-DIP MODULE -40 to 85 6-A Wide-Input Voltage Adjustable Switching Regulator 7-DIP MODULE -40 to 85 HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 8 A, 3.3-V Input Non-Isolated Wide-Output Adjust w/Auto-Track 8-SIP MODULE -40 to 85
|
Surge Components, Inc. Shanghai Sunrise Electronics SURGE[Surge Components]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
Q62703-Q3500 Q62703-Q3502 Q62703-Q3503 LSA676-P LS |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper SIDELED Hyper-Bright LED 超SIDELED超高亮LED
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG TE Connectivity, Ltd.
|
|